PART |
Description |
Maker |
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
HIP6020 HIP6020CB HIP6020EVAL1 FN4683 |
From old datasheet system Advanced Dual PWM and Dual Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
HIP6020A01 HIP6020ACB HIP6020A |
Advanced Dual PWM and Dual Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
APW7036-12KC-TR APW7036-12KC-TU APW7036-15KC-TR AP |
1.25 V,dual advanced PWM power controller 1.5 V,dual advanced PWM power controller 1.8 V,dual advanced PWM power controller
|
ANPEC Electronics Corporation
|
HIP6017B HIP6017BCB |
Advanced PWM and Dual Linear Power Control
|
Intersil Corporation
|
APW7025KC-TR APW7025KC-TU |
15 V,advanced PWM and dual linear power controller
|
ANPEC Electronics Corporation
|
APW7025 |
Advanced PWM and Dual Linear Power Control
|
Anpec Electronics Corop...
|
APW7026 |
Advanced PWM and Dual Linear Power Controllers
|
Anpec Electronics Corop...
|
IPM6220ACA IPM6220ACAZ IPM6220ACAZ-T IPM6220ACAZA- |
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
|
INTERSIL[Intersil Corporation]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
IPM6220A |
Advanced Triple PWM and Dual Linear Power Controller, Vbatt Hystersis Typ=300mV
|
Intersil
|
ISL6534 ISL6534CRZ ISL6534CR ISL6534CR-T ISL6534CR |
Dual PWM Controller and LDO Regulator 2%; DDR or Independent Mode; Freq = 300kHz nominal (adjustable 100 to 1000kHz) Dual PWM with Linear
|
INTERSIL[Intersil Corporation]
|